Part Number Hot Search : 
2SC3631 AD9501 2SB717 B2050 LD2841AO TDA74 HD74LV 87HF120M
Product Description
Full Text Search
 

To Download 2SC4878 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC4878 d escription with to-3pfm package high breakdown voltage high speed switching built-in damper diode applications color tv horizontal deflection output color display horizontal deflection output pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta= ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 1500 v v ceo collector-emitter voltage open base 800 v v ebo emitter-base voltage open collector 5 v i c collector current 10 a p c collector power dissipation t c =25 50 w t j junction temperature 150 t stg storage temperature -55~150 fig.1 simplified outline (to-3pfm) and symbol downloaded from: http:///
savantic semiconductor product specification 2 silicon npn power transistors 2SC4878 c haracteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c =0.1a ; i b =0 800 v v ce(sat) collector-emitter saturation voltage i c =8a ; i b =1.6a 5.0 v v be(sat) base-emitter saturation voltage i c =8a ; i b =1.6a 1.5 v i cbo collector cut-off current v cb =800v; i e =0 10 a i ebo emitter cut-off current v eb =5v; i c =0 50 250 ma h fe-1 dc current gain i c =1a ; v ce =5v 8 h fe-2 dc current gain i c =8a ; v ce =5v 5 downloaded from: http:///
savantic semiconductor product specification 3 silicon npn power transistors 2SC4878 package outline fig.2 outline dimensions downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SC4878

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X